Part Number Hot Search : 
24128 AC10F CA2902E D42C3 6407A ISL59 100LT DG417L
Product Description
Full Text Search
 

To Download USB-DA12-8E-OEM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PC/104 - USB Analog Output Module
USB-DA12-8E - USB 8 Channel Analog Output Module
FEATURES * High-speed USB 2.0 device, USB 1.1 compatible * Small, portable 8-channel, 12-bit, digital to analog outputs * Double-buffered allowing simultaneous update of all DACs * Computer generated outputs up to 5kHz simultaneous (up to 40kHz total) * Analog output ranges of 0-2.5V, 0-5V, 0-10V, 2.5V, 5V, 10V * Single-ended and differential outputs on separate connectors * Custom high-speed function driver * PC/104 module size (3.550" by 3.775") and mounting compatibility * Rugged small-sized (4" x 4" x 1.25") steel enclosure * Type B USB connector features industrial strength and highretention design FACTORY OPTIONS Resistors in series with differential connector for impedance matching * DIN rail mounting provision * Economy 'E' version available without screw terminal adaptor * OEM (board only) version with PC/104 mounting holes and PCB footprint for added flexibility in embedded applications
*
FUNCTIONAL DESCRIPTION The USB-DA12-8E is an ideal solution for adding portable, easy-to-install analog outputs to any computer with a USB port. The USB-DA128E is a USB 2.0 device, offering the highest speed available with the USB bus. It is fully compatible with both USB 1.1 and USB 2.0 ports. The board is plug-and-play allowing quick connection whenever you need additional I/O on a USB port. The USB-DA12-8E features 8 digital-to-analog converters (DACs) with both differential and single-ended outputs on separate connectors. The board features a variety of unipolar and bipolar ranges for each DAC giving the user a variety of options. The DACs can be updated individually or simultaneously. To ensure that there will not be excessive outputs to external circuits when the board is plugged in, automatic circuits limit analog outputs to zero volts. Power is supplied to the board via an external power supply which powers on board DC/DC converters which provide 12V to the operational amplifiers on the board. The I/O wiring connections for USB-DA12-8E are via an industry standard, IDC type 26-pin, 16-pin, and 10-pin connectors. The USB-DA12-8E is designed to be used in rugged industrial environments but is small enough to fit nicely onto any desk or testing station. The board is PC/104 sized (3.550 by 3.775 inches) and ships with or without a steel powder-coated enclosure with an anti-skid bottom. OEM USB/104 FORM FACTOR The OEM (board only) version is perfect for a variety of embedded applications. What makes the OEM option unique is that its PCB size and mounting holes match the PC/104 form factor (without the bus connections). This allows our rugged digital board to be added to any PCI-104 or PC/104 stack by connecting it to a simple USB port usually included on-board with embedded CPU form factors such as EBX, EPIC, and PC/104. This is especially important since many newer CPU chipsets do not support ISA and have plenty of USB ports. The USB-DA12-8E OEM board can also be installed using standoffs inside other enclosures or systems.
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345 Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
PC/104 - USB Analog Output Module
High Retention USB Connector The ever-growing presence of USB in the industrial/military marketplace has driven the need for USB connections to be reliable, dependable, and unfailing. Gone are the days of loose USB connections. A type B USB connector is used on all USB/104 products which features a high retention design that complies with the class 1, Div II minimum withdrawal requirement of over 3 pounds of force (15 Newtons). This connector has an orange color-coded insulator to quickly differentiate it from standard USB connectors. Using these USB connectors increases reliability in your system and ensures a tight connection. For embedded OEM type applications, an additional miniature USB input header is provided in parallel with the type B connector. Applications
* * * * * *
Portable Laptop Education Laboratory Industrial Automation Embedded OEM
SOFTWARE The USB-DA12-8E is plug-and-play which allows quick connect or disconnect whenever you need additional I/O on your USB port. The module utilizes a high-speed custom function driver optimized for a maximum data throughput that is 50-100 times faster than the USB human interface device (HID) driver used by many competing products. This approach maximizes the full functionality of the hardware along with capitalizing the advantage of high-speed USB 2.0. The USB-DA12-8E is supported for use in most USB supported operating systems and includes a free Linux and Windows 98se/Me/2000/XP/2003 compatible software package. This package contains sample programs and source code in Visual Basic, Delphi, C++ Builder, and Visual C++ for Windows. Also incorporated is a graphical setup program in Windows. Third party support includes a Windows standard DLL interface usable from the most popular application programs. Embedded OS support include Windows XPe. INCLUDED WITH YOUR BOARD The following items are included with your shipment, depending on options ordered.
* * * * *
Standard USB-DA12-8E Module ADAP25 Screw Terminal Adapter 6' USB Cable Software Master CD USB I/O Quick-Start Guide
Optional Accessories
*
ADAP25(M) Screw Terminal Adapter (an additional unit could be needed if you intended on using the Single-Ended and the Differential Analog Outputs) -PR, Power Adapter AC/DC 5V regulated (if total current >500mA) -DIN, DIN Rail Mounting Provision
* *
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345 Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
PC/104 - USB Analog Output Module
Block Diagram
Specifications
Analog Outputs * Number of Outputs: 8 channels * Type of Outputs: Single-ended or differential * Resolution: 12-bit resolution * Unipolar Ranges: 0-2.5V, 0-5V, 0-10V * Bipolar Ranges: 2.5V, 5V, 10V * Conversion Rate: 5kHz, all channels simultaneous * Relative Accuracy: 2 LSB typical * Differential Non-linearity: 0.2 LSB typical * Settling Time: 8us typical, 10us max. * Output Current: 5mA Environmental Operating Temperature Range: 0 to 70C. * Storage Temperature Range: -40 to +85C. * Humidity: 5% to 95% non-condensing * Board Dimension: 3.550 x 3.775 inches * Box Dimension: 4 x 4 x 1.25 inches
*
Power * +5VDC provided via USB bus up to 500mA** * ** Optional on-board external power circuitry and AC/DC adapter can be ordered ("-P" option) if current use is expected to be greater than what can be supplied by the USB bus. Please check to see how much current your USB port can supply and how much current you anticipate using.
Ordering Information
USB-DA12-8E USB-DA12-8E-E USB-DA12-8E-OEM MP104-DIN Options -P
Enclosure, module and screw terminal board Economy model (no screw terminal board) Board only (no enclosure or screw terminal board) DIN rail mounting provision External power and AC/DC adapter
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345 Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com


▲Up To Search▲   

 
Price & Availability of USB-DA12-8E-OEM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X